Part Number Hot Search : 
CPH5815 G1212 DRD48A20 013BC 89147 HT7733S P2106 S6C0649
Product Description
Full Text Search
 

To Download 2SD1046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD1046 description ? with to-3pn package ? complement to type 2sb816 ? wide area of safe operation applications ? for lf power amplifier, 50w output large power switching applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(tc=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 150 v v ceo collector-emitter voltage open base 120 v v ebo emitter-base voltage open collector 6 v i c collector current 8 a i cm collector current -peak 12 a p c collector power dissipation t c =25 ?? 80 w t j junction temperature 150 ?? t stg storage temperature -40~150 ?? fig.1 simplified outline (to-3pn) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD1046 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ;r be = 120 v v (br)cbo collector-base breakdown voltage i c =5ma ;i e =0 150 v v (br)ebo emitter-base breakdown voltage i e =5ma ;i c =0 6 v v cesat collector-emitter saturation voltage i c =5a ;i b =0.5a 1.0 2.0 v v be base-emitter on voltage i c =1a;v ce =5v 1.5 v i cbo collector cut-off current v cb =80v i e =0 0.1 ma i ebo emitter cut-off current v eb =4v; i c =0 0.1 ma h fe-1 dc current gain i c =1a ; v ce =5v 60 200 h fe-2 dc current gain i c =5a ; v ce =5v 20 f t transition frequency i c =1a ; v ce =5v 15 mhz c ob collector output capacitance f=1mhz;v cb =10v 160 pf switching times t on turn-on time 0.22 | s t stg storage time 6.66 | s t f fall time i c =1.0a; i b1 =-i b2 =0.1a v cc =20v;r l =20 |? 1.02 | s ? h fe-1 classifications d e 60-120 100-200
inchange semiconductor product specification 3 silicon npn power transistors 2SD1046 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon npn power transistors 2SD1046


▲Up To Search▲   

 
Price & Availability of 2SD1046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X